Part Number Hot Search : 
FB11N50 3EZ14 00390 DSP56602 2SC6013 FM301 CM1000 MC339
Product Description
Full Text Search
 

To Download EL817-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 copyright ? 2010, everlight all rights reserved. release date : may 21, 2013. issue no: dpc-0000011 rev.7 www.everlight.com 4 pin dip phototransistor photocoupler EL817-G series features: ? halogens free. ? current transfer ratio (ctr: 50~600% at i f =5ma, v ce =5v) ? high isolation voltage between input and output (viso=5000 v rms ) ? creepage distance >7.62 mm ? operating temperature up to +110c ? compact small outline package ? pb free and rohs compliant. ? ul approved (no. e214129) ? vde approved (no. 132249) ? semko approved ? nemko approved ? demko approved ? fimko approved ? csa approved ? cqc approved description the EL817-G series of devices each consis t of an infrared emitting diodes, optically coupled to a phototransistor detector encapsulated with green compound. the devices are in a 4-pin dip package and ava ilable in wide-lead spacing and smd option. a pplications ? programmable controllers ? system appliances, measuring instruments ? telecommunication equipments ? home appliances, such as fan heaters, etc. ? signal transmission between circuits of different potentials and impedances schematic pin configuration 1. anode 2. cathode 3. emitter 4. collector http://
datasheet 4pin dip phototransistor photocoupler EL817-G series 2 copyright ? 2010, everlight all rights reserved. release date : may 21, 2013. issue no: dpc-0000011 rev.7 www.everlight.com a bsolute maximum ratings (ta=25 ) parameter symbol rating unit input forward current i f 60 ma peak forward current (1us, pulse) i fp 1 a reverse voltage v r 6 v power dissipation p d 100 mw 2.9 mw/ c output break down voltage p c 150 mw 5.8 mw/ c collector current i c 50 ma collector-emitter voltage v ceo 80 v emitter-collector voltage v eco 7 v total power dissipation p tot 200 mw isolation voltage* 1 v iso 5000 v rms operating temperature t opr -55 to 110 c storage temperature t stg -55 to 125 c soldering temperature* 2 t sol 260 c notes: *1 ac for 1 minute, r.h.= 40 ~ 60% r.h. in this test, pins 1, 2 are shorted together, and pins 3, 4 are shorted together. * 2 for 10 seconds http://
datasheet 4pin dip phototransistor photocoupler EL817-G series 3 copyright ? 2010, everlight all rights reserved. release date : may 21, 2013. issue no: dpc-0000011 rev.7 www.everlight.com electro-optical ch aracteristics (ta=25 unless specified otherwise) input parameter symbol min. typ. max. unit condition forward voltage v f - 1.2 1.4 v i f = 20ma reverse current i r - - 10 a v r = 4v input capacitance c in - 30 250 pf v = 0, f = 1khz output parameter symbol min typ. max. unit condition collector-emitter dark current i ceo - - 100 na v ce = 20v, i f = 0ma collector-emitter breakdown voltage bv ceo 80 - - v i c = 0.1ma emitter-collector breakdown voltage bv eco 7 - - v i e = 0.1ma transfer characteristics parameter symbol min typ. max. unit condition current transfer ratio el817 ctr 50 - 600 % i f = 5ma ,v ce = 5v el817a 80 - 160 el817b 130 - 260 el817c 200 - 400 el817d 300 - 600 el817x 100 - 200 el817y 150 - 300 collector-emitter saturation voltage v ce(sat) - 0.1 0.2 v i f = 20ma ,i c = 1ma isolation resistance r io 510 10 - - v io = 500vdc, 40~60% r.h. floating capacitance c io - 0.6 1.0 pf v io = 0, f = 1mhz cut-off frequency fc - 80 - khz v ce = 5v, i c = 2ma r l = 100 , -3db rise time t r - 6 18 s v ce = 2v, i c = 2ma, r l = 100 fall time t f - 8 18 s * typical values at t a = 25c http://
datasheet 4pin dip phototransistor photocoupler EL817-G series 4 copyright ? 2010, everlight all rights reserved. release date : may 21, 2013. issue no: dpc-0000011 rev.7 www.everlight.com typical electro-optical characteristics curves http://
datasheet 4pin dip phototransistor photocoupler EL817-G series 5 copyright ? 2010, everlight all rights reserved. release date : may 21, 2013. issue no: dpc-0000011 rev.7 www.everlight.com figure 7. switching time test circuit & waveforms i f i c r l r in v cc output input input pulse output pulse 10% 90% t f t r t of f t on http://
datasheet 4pin dip phototransistor photocoupler EL817-G series 6 copyright ? 2010, everlight all rights reserved. release date : may 21, 2013. issue no: dpc-0000011 rev.7 www.everlight.com order information part number el817x(y)(z)-fvg note x = lead form option (s, s1, s2, m or none) y = ctr rank (a, b, c, d, x , y or none) z = tape and reel option (ta, tb, tu, td or none). f = lead frame option (f: iron, none: copper) v = vde safety (optional). g = halogens free option description packing quantity none standard dip-4 100 units per tube m wide lead bend (0.4 inch spacing) 100 units per tube s (ta) surface mount lead form + ta tape & reel option 1000 units per reel s (tb) surface mount lead form + tb tape & reel option 1000 units per reel s1 (ta) surface mount lead form (low profile) + ta tape & reel option 1000 units per reel s1 (tb) surface mount lead form (low profile ) + tb tape & reel option 1000 units per reel s2 (ta) surface mount lead form (gull-wing) + ta tape & reel option 500 units per reel s2 (tb) surface mount lead form (gull-wing ) + tb tape & reel option 500 units per reel s (tu) surface mount lead form + tu tape & reel option 1500 units per reel s (td) surface mount lead form + td tape & reel option 1500 units per reel s1 (tu) surface mount lead form (low profile) + tu tape & reel option 1500 units per reel s1 (td) surface mount lead form (low profile) + td tape & reel option 1500 units per reel http://
datasheet 4pin dip phototransistor photocoupler EL817-G series 7 copyright ? 2010, everlight all rights reserved. release date : may 21, 2013. issue no: dpc-0000011 rev.7 www.everlight.com package dimension (dimensions in mm) standard dip type option m type http://
datasheet 4pin dip phototransistor photocoupler EL817-G series 8 copyright ? 2010, everlight all rights reserved. release date : may 21, 2013. issue no: dpc-0000011 rev.7 www.everlight.com option s type option s1 type http://
datasheet 4pin dip phototransistor photocoupler EL817-G series 9 copyright ? 2010, everlight all rights reserved. release date : may 21, 2013. issue no: dpc-0000011 rev.7 www.everlight.com option s2 type recommended pad layout for surface mount leadform for s and s1 option for s2 option http://
datasheet 4pin dip phototransistor photocoupler EL817-G series 10 copyright ? 2010, everlight all rights reserved. release date : may 21, 2013. issue no: dpc-0000011 rev.7 www.everlight.com device marking notes el denotes everlight 817 denotes device number r denotes ctr rank (a, b, c, d or none) y denotes 1 digit year code ww denotes 2 digit week code v denotes vde (optional) el 817 rywwv http://
datasheet 4pin dip phototransistor photocoupler EL817-G series 11 copyright ? 2010, everlight all rights reserved. release date : may 21, 2013. issue no: dpc-0000011 rev.7 www.everlight.com tape & reel packing specifications tape dimensions tape dimensions dimension no. a b do d1 e f dimension (mm) 10.50.1 4.650.1 1.550.1 1.500.1 1.750.1 7.50.1 dimension (mm) s2 12.150.1 4.650.1 1.550.1 1.500.1 1.750.1 7.50.1 dimension no. po p1 p2 t w k dimension (mm) 4.00.1 12.00.1 2.00.1 0.350.1 16.00.3 4.750.1 dimension (mm) s2 4.00.1 16.00.1 2.00.1 0.350.1 16.00.3 3.900.1 option ta option tb direction of feed from reel direction of feed from reel http://
datasheet 4pin dip phototransistor photocoupler EL817-G series 12 copyright ? 2010, everlight all rights reserved. release date : may 21, 2013. issue no: dpc-0000011 rev.7 www.everlight.com tape dimensions dimension no. a b c d e f dimension(mm) 16.000.3 7.50.1 1. 750.1 8.00.1 2.00.1 4.00.1 dimension no. g h i j k l dimension(mm) 1.550.05 10.40.1 0.4 0.05 4.600.1 5.10.1 1.550.05 option td direction of feed from reel option tu direction of feed from reel http://
datasheet 4pin dip phototransistor photocoupler EL817-G series 13 copyright ? 2010, everlight all rights reserved. release date : may 21, 2013. issue no: dpc-0000011 rev.7 www.everlight.com precautions for use 1. soldering condition 1.1 (a) maximum body case temperature profile for evaluation of reflow profile note: reference: ipc/jedec j-std-020d preheat temperature min (t smin ) 150 c temperature max (t smax ) 200c time (t smin to t smax ) (t s ) 60-120 seconds a verage ramp-up rate (t smax to t p ) 3 c/second max othe r liquidus temperature (t l ) 217 c time above liquidus temperature (t l ) 60-100 sec peak temperature (t p ) 260c time within 5 c of actual peak temperature: t p - 5c 30 s ramp- down rate from peak temperature 6c /second max. time 25c to peak temperature 8 minutes max. reflow times 3 times . http://
datasheet 4pin dip phototransistor photocoupler EL817-G series 14 copyright ? 2010, everlight all rights reserved. release date : may 21, 2013. issue no: dpc-0000011 rev.7 www.everlight.com disclaimer 1. above specification may be change d without notice. everligh t will reserve authority on material change for above specification. 2. when using this product, please observe the absolute ma ximum ratings and the instructions for using outlined in these specification sheets. everlight assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maxi mum ratings and the instructions included in these specification sheets. 3. these specification sheets includ e materials protected unde r copyright of everlight corporation. please don?t reproduce or cause anyone to reprodu ce them without everlight?s consent. http://


▲Up To Search▲   

 
Price & Availability of EL817-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X